データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DP8390DV データシート(PDF) 44 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 DP8390DV
部品情報  NIC Network Interface Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8390DV データシート(HTML) 44 Page - National Semiconductor (TI)

Back Button DP8390DV Datasheet HTML 40Page - National Semiconductor (TI) DP8390DV Datasheet HTML 41Page - National Semiconductor (TI) DP8390DV Datasheet HTML 42Page - National Semiconductor (TI) DP8390DV Datasheet HTML 43Page - National Semiconductor (TI) DP8390DV Datasheet HTML 44Page - National Semiconductor (TI) DP8390DV Datasheet HTML 45Page - National Semiconductor (TI) DP8390DV Datasheet HTML 46Page - National Semiconductor (TI) DP8390DV Datasheet HTML 47Page - National Semiconductor (TI) DP8390DV Datasheet HTML 48Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 56 page
background image
150 Switching Characteristics (Continued)
DMA Address Generation
TLF8582 – 81
Symbol
Parameter
Min
Max
Units
bcyc
Bus Clock Cycle Time
50
1000
ns
(Note 2)
bch
Bus Clock High Time
225
ns
bcl
Bus Clock Low Time
225
ns
bcash
Bus Clock to Address Strobe High
34
ns
bcasl
Bus Clock to Address Strobe Low
44
ns
aswo
Address Strobe Width Out
bch
ns
bcadv
Bus Clock to Address Valid
45
ns
bcadz
Bus Clock to Address TRI-STATE
15
55
ns
(Note 3)
ads
Address Setup to ADS01 Low
bch b 15
ns
adh
Address Hold from ADS01 Low
bcl b 5ns
Note 1
Cycles T1’ T2’ T3’ T4’ are only issued for the first transfer in a burst when 32-bit mode has been selected
Note 2
The rate of bus clock must be high enough to support transfers tofrom the FIFO at a rate greater than the serial network transfers fromto the FIFO
Note 3
These limits include the RC delay inherent in our test method These signals typically turn off within 15 ns enabling other devices to drive these lines with
no contention
44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56