データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM10504 データシート(PDF) 16 Page - Texas Instruments

部品番号 LM10504
部品情報  LM10504 Triple Buck LDO Power Management Unit
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM10504 データシート(HTML) 16 Page - Texas Instruments

Back Button LM10504_15 Datasheet HTML 12Page - Texas Instruments LM10504_15 Datasheet HTML 13Page - Texas Instruments LM10504_15 Datasheet HTML 14Page - Texas Instruments LM10504_15 Datasheet HTML 15Page - Texas Instruments LM10504_15 Datasheet HTML 16Page - Texas Instruments LM10504_15 Datasheet HTML 17Page - Texas Instruments LM10504_15 Datasheet HTML 18Page - Texas Instruments LM10504_15 Datasheet HTML 19Page - Texas Instruments LM10504_15 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
LM10504
SNVS739E – DECEMBER 2011 – REVISED MARCH 2013
www.ti.com
Registers Configurable Via The SPI Interface
Addr
Reg Name
Bit
R/W
Default
Description
Notes
7
Reset default:
6
R/W
Buck 3 Voltage Code[6]
Vselect_B3=1
→ 0x64 (1.2V)
5
R/W
Buck 3 Voltage Code[5]
Vselect_B3=0
→ 0x3C (1.0V)
4
R/W
Buck 3 Voltage Code[4]
0x00
Buck 3 Voltage
See Notes
3
R/W
Buck 3 Voltage Code[3]
Range: 0.7V to 1.335V
2
R/W
Buck 3 Voltage Code[2]
1
R/W
Buck 3 Voltage Code[1]
0
R/W
Buck 3 Voltage Code[0]
7
Reset default:
6
0x26 (3.0V)
5
R/W
Buck 1 Voltage Code[5]
4
R/W
Buck 1 Voltage Code[4]
Range: 1.1V to 3.6V
0x07
Buck 1 Voltage
See Notes
3
R/W
Buck 1 Voltage Code[3]
2
R/W
Buck 1 Voltage Code[2]
1
R/W
Buck 1 Voltage Code[1]
0
R/W
Buck 1 Voltage Code[0]
7
Reset default:
6
Vselect_B2=1
→ 0x26 (3.0V)
5
R/W
Buck 2 Voltage Code[5]
Vselect_B2=0
→ 0x0E (1.8V)
4
R/W
Buck 2 Voltage Code[4]
0x08
Buck 2 Voltage
See Notes
3
R/W
Buck 2 Voltage Code[3]
Range: 1.1V to 3.6V
2
R/W
Buck 2 Voltage Code[2]
1
R/W
Buck 2 Voltage Code[1]
0
R/W
Buck 2 Voltage Code[0]
7
Reset default:
6
Buck 3 Voltage Code[6]
Vselect_B3=1
→ 0x53 (1.115V)
5
Buck 3 Voltage Code[5]
Vselect_B3=0
→ 0x0E (0.93V)
4
Buck 3 Voltage Code[4]
DevSLP Mode for
0x09
R/W
See Notes
Buck3
3
Buck 3 Voltage Code[3]
2
Buck 3 Voltage Code[2]
1
Buck 3 Voltage Code[1]
0
Buck 3 Voltage Code[0]
7
R
1
BK3EN
Reads Buck 3 enable status
6
5
4
R/W
0
BK1FPWM
Buck 1 forced PWM mode when high
0x0A
Buck Control
3
R/W
0
BK2FPWM
Buck 2 forced PWM mode when high
2
R/W
0
BK3FPWM
Buck 3 forced PWM mode when high
1
R/W
1
BK1EN
Enables Buck 1 0-disabled, 1-enabled
0
R/W
1
BK2EN
Enables Buck 2 0-disabled, 1-enabled
16
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM10504



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com