データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMS320C31PQL60 データシート(PDF) 2 Page - Texas Instruments

部品番号 TMS320C31PQL60
部品情報  DIGITAL SIGNAL PROCESSORS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TMS320C31PQL60 データシート(HTML) 2 Page - Texas Instruments

  TMS320C31PQL60 Datasheet HTML 1Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 2Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 3Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 4Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 5Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 6Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 7Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 8Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
TMS320C31, TMS320LC31
DIGITAL SIGNAL PROCESSORS
SPRS035B – MARCH 1996 – REVISED JANUARY 1999
2
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
description (continued)
General-purpose applications are greatly enhanced by the large address space, multiprocessor interface,
internally and externally generated wait states, one external interface port, two timers, one serial port, and
multiple-interrupt structure. The TMS320C3x supports a wide variety of system applications from host
processor to dedicated coprocessor.
High-level-language support is easily implemented through a register-based architecture, large address space,
powerful addressing modes, flexible instruction set, and well-supported floating-point arithmetic.
TMS320C31 and TMS320LC31 pinout (top view)
The TMS320C31 and TMS320LC31 devices are packaged in 132-pin plastic quad flatpacks (PQ Suffix).
A8
A7
A5
VDD
A4
A3
A2
A1
A0
VSS
D31
VDD
VDD
D30
VSS
VSS
D29
D28
VDD
D27
VSS
D26
D25
D24
D23
D22
D21
VSS
X2/CLKIN
HOLDA
HOLD
VDD
RDY
STRB
R/W
RESET
XF0
VDD
XF1
IACK
INT0
VSS
VSS
VDD
VDD
INT2
INT3
DR0
VSS
FSR0
CLKR0
CLKX0
VSS
FSX0
17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1 132 131 130 129 128 127 126 125 124 123 122 121 120 119 118 117
116
115
114
113
112
111
110
109
108
107
106
105
104
103
102
101
100
99
98
97
96
95
94
93
92
91
90
89
88
87
86
85
84
36
50
49
48
47
46
45
44
43
42
41
40
39
38
37
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78
80 81 82 83
79
A9
VSS
A6
VSS
VDD
D20
VDD
DX0
INT1
X1
VSS
VSS
PQ PACKAGE
(TOP VIEW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48