| データシートサーチシステム |
|
TMS320C31PQL60 データシート(PDF) 25 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320C31PQL60 データシート(HTML) 25 Page - Texas Instruments |
|
25 / 48 page ![]() TMS320C31, TMS320LC31 DIGITAL SIGNAL PROCESSORS SPRS035B – MARCH 1996 – REVISED JANUARY 1999 25 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 changing XFx from an output to an input The following table defines the timing parameters for changing the XFx pin from an output pin to an input pin. The numbers shown in Figure 19 correspond with those in the NO. column of the table below. timing parameters of XFx changing from output to input mode for TMS320C31 (see Figure 19) NO. ’LC31-33 ’C31-40 ’LC31-40 ’C31-50 ’C31-60 ’C31-80 UNIT MIN MAX MIN MAX MIN MAX MIN MAX MIN MAX 34 th(H3H-XF) Hold time, XFx after H3 high 15† 13† 12† 11† 9† ns 35 tsu(XF-H1L) Setup time, XFx before H1 low 10 9 9 8 6 ns 36 th(H1L-XF) Hold time, XFx after H1 low 0 0 0 0 0 ns † This value is characterized but not tested. Execute Load of IOF Buffers Go From Output to Output Synchronizer Delay Value on Pin Seen in IOF H3 H1 XFx Pin INXFx Bit (see Note A) I / OxFx Bit (see Note A) 34 35 36 Data Sampled Data Seen Output NOTE A: I / OxFx represents either bit 1 or bit 5 of the IOF register, and INXFx represents either bit 3 or bit 7 of the IOF register. Figure 19. Timing for Change of XFx From Output to Input Mode |