| データシートサーチシステム |
|
TMS570LS0332PZ データシート(PDF) 65 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS570LS0332PZ データシート(HTML) 65 Page - Texas Instruments |
|
65 / 110 page ![]() TRST TMS TCK TDI TDO RTCK BoundaryScan BSR/BSDL BoundaryScanI/F SecondaryTap0 DAP Debug APB Debug ROM1 APBslave Cortex R4 TestTap0 eFuseFarm SecondaryTap2 AJSM TMS570LS0432, TMS570LS0332 www.ti.com SPNS186B – OCTOBER 2012 – REVISED JUNE 2015 6.20 Debug Subsystem 6.20.1 Block Diagram The device contains an ICEPICK module to allow JTAG access to the scan chains (see Figure 6-14). Figure 6-14. Debug Subsystem Block Diagram 6.20.2 Debug Components Memory Map Table 6-28. Debug Components Memory Map FRAME ADDRESS RANGE FRAME CHIP FRAME ACTUAL RESPONSE FOR ACCESS TO MODULE NAME SELECT SIZE SIZE UNIMPLEMENTED LOCATIONS IN FRAME START END CoreSight Debug CSCS0 0xFFA0_0000 0xFFA0_0FFF 4KB 4KB Reads return zeros, writes have no effect ROM Cortex-R4 Debug CSCS1 0xFFA0_1000 0xFFA0_1FFF 4KB 4KB Reads return zeros, writes have no effect 6.20.3 JTAG Identification Code The JTAG ID code for this device is the same as the device ICEPick Identification Code. Table 6-29. JTAG Identification Code SILICON REVISION IDENTIFICATION CODE Initial Silicon 0x0B97102F Revision A 0x1B97102F Revision B 0x2B97102F Copyright © 2012–2015, Texas Instruments Incorporated System Information and Electrical Specifications 65 Submit Documentation Feedback Product Folder Links: TMS570LS0432 TMS570LS0332 |