データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMS570LS0332PZ データシート(PDF) 66 Page - Texas Instruments

部品番号 TMS570LS0332PZ
部品情報  16- and 32-Bit RISC Flash Microcontroller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS0332PZ データシート(HTML) 66 Page - Texas Instruments

Back Button TMS570LS0332PZ Datasheet HTML 62Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 63Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 64Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 65Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 66Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 67Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 68Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 69Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 110 page
background image
TMS570LS0432, TMS570LS0332
SPNS186B – OCTOBER 2012 – REVISED JUNE 2015
www.ti.com
6.20.4 Debug ROM
The Debug ROM stores the location of the components on the Debug APB bus:
Table 6-30. Debug ROM table
ADDRESS
DESCRIPTION
VALUE
0x000
Pointer to Cortex-R4
0x0000 1003
0x001
Reserved
0x0000 2002
0x002
Reserved
0x0000 3002
0x003
Reserved
0x0000 4002
0x004
End of table
0x0000 0000
66
System Information and Electrical Specifications
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS570LS0432 TMS570LS0332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More