データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MAX4230 データシート(PDF) 11 Page - Maxim Integrated Products

部品番号 MAX4230
部品情報  High-Output-Drive, 10MHz, 10V/Us, Rail-to-Rail I/O Op Amps with Shutdown in SC70
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MAXIM [Maxim Integrated Products]
ホームページ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4230 データシート(HTML) 11 Page - Maxim Integrated Products

Back Button MAX4230 Datasheet HTML 7Page - Maxim Integrated Products MAX4230 Datasheet HTML 8Page - Maxim Integrated Products MAX4230 Datasheet HTML 9Page - Maxim Integrated Products MAX4230 Datasheet HTML 10Page - Maxim Integrated Products MAX4230 Datasheet HTML 11Page - Maxim Integrated Products MAX4230 Datasheet HTML 12Page - Maxim Integrated Products MAX4230 Datasheet HTML 13Page - Maxim Integrated Products MAX4230 Datasheet HTML 14Page - Maxim Integrated Products MAX4230 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
To improve step response when R
′ > 2kΩ, connect
small capacitor Cf between the inverting input and out-
put. Choose Cf as follows:
Cf = 8(R / Rf) [pf]
where Rf is the feedback resistor and R is the gain-set-
ting resistor (Figure 5).
Driving Capacitive Loads
The MAX4230–MAX4234 have a high tolerance for
capacitive loads. They are stable with capacitive loads
up to 780pF. Figure 6 is a graph of the stable operating
region for various capacitive loads vs. resistive loads.
Figures 7 and 8 show the transient response with
excessive capacitive loads (1500pF), with and without
the addition of an isolation resistor in series with the
output. Figure 9 shows a typical noninverting capaci-
tive-load-driving circuit in the unity-gain configuration.
High-Output-Drive, 10MHz, 10V/µs,
Rail-to-Rail I/O Op Amps with Shutdown in SC70
______________________________________________________________________________________
11
MAX4230
VIN
VOUT
R
′ = R || Rf
RfCf = RCIN
Rf
Cf
R
INVERTING
MAX4230
VIN
VOUT
R
′ = R || Rf
RfCf = RCIN
Rf
R
Cf
NONINVERTING
Figure 5. Inverting and Noninverting Amplifiers with Feedback
Compensation
0
500
1500
1000
2000
2500
1
100
10
1k
10k
100k
RESISTIVE LOAD (
Ω)
VDD = 5.0V
RL TO VDD/2
STABLE
UNSTABLE
Figure 6. Capacitive-Load Stability
1
µs/div
20mV/div
20mV/div
VDD = 3.0V, CL = 1500pF
RL = 100k
Ω, RISO = 39Ω
Figure 8. Small-Signal Transient Response with Excessive
Capacitive Load with Isolation Resistor
1
µs/div
20mV/div
20mV/div
VDD = 3.0V, CL = 1500pF
RL = 100k
Ω, RISO = 0Ω
Figure 7. Small-Signal Transient Response with Excessive
Capacitive Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18