| データシートサーチシステム |
|
MAX4230 データシート(PDF) 12 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX4230 データシート(HTML) 12 Page - Maxim Integrated Products |
|
12 / 18 page ![]() The resistor improves the circuit’s phase margin by iso- lating the load capacitor from the op amp’s output. Power-Up and Shutdown Modes The MAX4231/MAX4233 have a shutdown option. When the shutdown pin (SHDN) is pulled low, supply current drops to 0.5µA per amplifier (VDD = 2.7V), the amplifiers are disabled, and their outputs are driven to VSS. Since the outputs are actively driven to VSS in shutdown, any pullup resistor on the output causes a current drain from the supply. Pulling SHDN high enables the amplifier. In the dual MAX4233, the two amplifiers shut down independently. Figure 10 shows the MAX4231’s output voltage to a shutdown pulse. The MAX4231–MAX4234 typically settle within 5µs after power-up. Figures 11 and 12 show IDD to a shutdown plus and voltage power-up cycle. When exiting shutdown, there is a 6µs delay before the amplifier’s output becomes active (Figure 10). High-Output-Drive, 10MHz, 10V/µs, Rail-to-Rail I/O Op Amps with Shutdown in SC70 12 ______________________________________________________________________________________ RISO CL Figure 9. Capacitive-Load-Driving Circuit 100 µs/div SHDN 2V/div IDD 1mA/div OUT 2V/div Figure 11. Shutdown Enable/Disable Supply Current 40 µs/div VDD 2V/div IDD 1mA/div Figure 12. Power-Up/Down Supply Current 4 µs/div 1V/div 1V/div Figure 10. Shutdown Output Voltage Enable/Disable Selector Guide AMPS PER PACKAGE SHUTDOWN MODE MAX4230 Single — MAX4231 Single Yes PART MAX4232 Dual — MAX4233 Dual Yes MAX4234 Quad — |