データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MAX4230 データシート(PDF) 16 Page - Maxim Integrated Products

部品番号 MAX4230
部品情報  High-Output-Drive, 10MHz, 10V/Us, Rail-to-Rail I/O Op Amps with Shutdown in SC70
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MAXIM [Maxim Integrated Products]
ホームページ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4230 データシート(HTML) 16 Page - Maxim Integrated Products

Back Button MAX4230 Datasheet HTML 10Page - Maxim Integrated Products MAX4230 Datasheet HTML 11Page - Maxim Integrated Products MAX4230 Datasheet HTML 12Page - Maxim Integrated Products MAX4230 Datasheet HTML 13Page - Maxim Integrated Products MAX4230 Datasheet HTML 14Page - Maxim Integrated Products MAX4230 Datasheet HTML 15Page - Maxim Integrated Products MAX4230 Datasheet HTML 16Page - Maxim Integrated Products MAX4230 Datasheet HTML 17Page - Maxim Integrated Products MAX4230 Datasheet HTML 18Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
High-Output-Drive, 10MHz, 10V/µs,
Rail-to-Rail I/O Op Amps with Shutdown in SC70
16
______________________________________________________________________________________
PACKAGE OUTLINE, 8L uMAX/uSOP
1
1
21-0036
J
REV.
DOCUMENT CONTROL NO.
APPROVAL
PROPRIETARY INFORMATION
TITLE:
MAX
0.043
0.006
0.014
0.120
0.120
0.198
0.026
0.007
0.037
0.0207 BSC
0.0256 BSC
A2
A1
c
e
b
A
L
FRONT VIEW
SIDE VIEW
E
H
0.6±0.1
0.6±0.1
ÿ 0.50±0.1
1
TOP VIEW
D
8
A2
0.030
BOTTOM VIEW
1
6∞
S
b
L
H
E
D
e
c
0∞
0.010
0.116
0.116
0.188
0.016
0.005
8
4X S
INCHES
-
A1
A
MIN
0.002
0.95
0.75
0.5250 BSC
0.25
0.36
2.95
3.05
2.95
3.05
4.78
0.41
0.65 BSC
5.03
0.66
6∞
0∞
0.13
0.18
MAX
MIN
MILLIMETERS
-
1.10
0.05
0.15
α
α
DIM
Package Information (continued)
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information
go to www.maxim-ic.com/packages.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18