| データシートサーチシステム |
|
STLC2410B データシート(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLC2410B データシート(HTML) 18 Page - STMicroelectronics |
|
18 / 20 page ![]() STLC2410B 18/20 9 HCI USB TRANSPORT LAYER The USB Transport Layer has been specified by the Bluetooth® SIG (Part H:2), and allows HCI level com- munication between a host controller (STLC2410B) and a host (e.g. PC), via a USB interface. The USB Transport Layer is completely implemented in SW. It accepts HCI messages from the HCI Layer, prepares it for transmission over a USB bus, and sends it to the USB Driver. It reassembles the HCI messages from USB data received from the USB Driver, and sends these messages to the HCI Layer. The Transport Lay- er does not interprete the contents (payload) of the HCI messages; it only examines the header. 10 POWER CLASS1 SUPPORT The chip can control an external power amplifier (PA). Several signals are duplicated on GPIOs for this purpose in order to avoid digital/analog noise loops in the radio. The Class1_En register enables the alternate functions of GPIO[15:6] to generate the signals for driving an external PA in a Bluetooth® power class1 application. Every bit enables a dedicated signal on a GPIO pin, as described in Table 11 : Power Class 1 functionality. Table 11. Power Class 1 functionality rx_on is the same as the rx_on output pin. Not rx_on is the inverted signal, in order to save components on the application board. PA7 to PA0 are the power amplifier control lines. They are managed, on a connection basis, by the base- band core. The Power Level programmed for a certain Bluetooth® connection is manged by the firmware, as specified in the Bluetooth® SIG spec. Class1_En bit involved GPIO description (when class1_En bit = ‘1’) rxon gpio[6] outputs a copy of rx_on pin to switch LNA/RF switch on/off not rxon gpio[7] outputs an inverted copy of rx_on pin to switch LNA/RF switch on/off PA0 gpio[8] Bit 0 of the PA value for the current connection PA1 gpio[9] Bit 1 of the PA value for the current connection PA2 gpio[10] Bit 2 of the PA value for the current connection PA3 gpio[11] Bit 3 of the PA value for the current connection PA4 gpio[12] Bit 4 of the PA value for the current connection PA5 gpio[13] Bit 5 of the PA value for the current connection PA6 gpio[14] Bit 6 of the PA value for the current connection PA7 gpio[15] Bit 7 of the PA value for the current connection |