| データシートサーチシステム |
|
STM32L072V8 データシート(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L072V8 データシート(HTML) 31 Page - STMicroelectronics |
|
31 / 147 page ![]() DocID027100 Rev 3 31/147 STM32L072xx Functional overview 36 3.16 Timers and watchdogs The ultra-low-power STM32L072xx devices include three general-purpose timers, one low- power timer (LPTIM), one basic timer, two watchdog timers and the SysTick timer. Table 10 compares the features of the general-purpose and basic timers. Table 9. Capacitive sensing GPIOs available on STM32L072xx devices Group Capacitive sensing signal name Pin name Group Capacitive sensing signal name Pin name 1 TSC_G1_IO1 PA0 5 TSC_G5_IO1 PB3 TSC_G1_IO2 PA1 TSC_G5_IO2 PB4 TSC_G1_IO3 PA2 TSC_G5_IO3 PB6 TSC_G1_IO4 PA3 TSC_G5_IO4 PB7 2 TSC_G2_IO1 PA4 6 TSC_G6_IO1 PB11 TSC_G2_IO2 PA5 TSC_G6_IO2 PB12 TSC_G2_IO3 PA6 TSC_G6_IO3 PB13 TSC_G2_IO4 PA7 TSC_G6_IO4 PB14 3 TSC_G3_IO1 PC5 7 TSC_G7_IO1 PC0 TSC_G3_IO2 PB0 TSC_G7_IO2 PC1 TSC_G3_IO3 PB1 TSC_G7_IO3 PC2 TSC_G3_IO4 PB2 TSC_G7_IO4 PC3 4 TSC_G4_IO1 PA9 8 TSC_G8_IO1 PC6 TSC_G4_IO2 PA10 TSC_G8_IO2 PC7 TSC_G4_IO3 PA11 TSC_G8_IO3 PC8 TSC_G4_IO4 PA12 TSC_G8_IO4 PC9 Table 10. Timer feature comparison Timer Counter resolution Counter type Prescaler factor DMA request generation Capture/compare channels Complementary outputs TIM2, TIM3 16-bit Up, down, up/down Any integer between 1 and 65536 Yes 4 No TIM21, TIM22 16-bit Up, down, up/down Any integer between 1 and 65536 No 2 No TIM6, TIM7 16-bit Up Any integer between 1 and 65536 Yes 0 No |