| データシートサーチシステム |
|
STM32L072V8 データシート(PDF) 48 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L072V8 データシート(HTML) 48 Page - STMicroelectronics |
|
48 / 147 page ![]() Pin descriptions STM32L072xx 48/147 DocID027100 Rev 3 - - - - - - 60 H12 PD13 I/O FT - - - - - - - - - 61 H11 PD14 I/O FT - - - - - - - - - 62 H10 PD15 I/O FT - USB_CRS_SYNC - - - - 37 F6 - 63 E12 PC6 I/O FT - TIM22_CH1, TIM3_CH1, TSC_G8_IO1 - - - - 38 E7 - 64 E11 PC7 I/O FT - TIM22_CH2, TIM3_CH2, TSC_G8_IO2 - - - - 39 E8 - 65 E10 PC8 I/O FT - TIM22_ETR, TIM3_CH3, TSC_G8_IO3 - - - - 40 D8 - 66 D12 PC9 I/O FTf - TIM21_ETR, USB_OE/TIM3_CH4, TSC_G8_IO4, I2C3_SDA - 18 18 29 41 D7 D1 67 D11 PA8 I/O FTf - MCO, USB_CRS_SYNC, EVENTOUT, USART1_CK, I2C3_SCL - 19 19 30 42 C7 E2 68 D10 PA9 I/O FTf - MCO, TSC_G4_IO1, USART1_TX, I2C1_SCL, I2C3_SMBA - 20 20 31 43 C6 C1 69 C12 PA10 I/O FTf - TSC_G4_IO2, USART1_RX, I2C1_SDA - 21 21 32 44 C8 D2 70 B12 PA11 I/O FT (3) SPI1_MISO, EVENTOUT, TSC_G4_IO3, USART1_CTS, COMP1_OUT USB_DM 22 22 33 45 B8 B1 71 A12 PA12 I/O FT (3) SPI1_MOSI, EVENTOUT, TSC_G4_IO4, USART1_RTS_DE, COMP2_OUT USB_DP 23 23 34 46 A8 C2 72 A11 PA13 I/O FT - SWDIO, USB_OE, LPUART1_RX - - - - - - - 73 C11 VDD S - - - - - 35 47 D5 - 74 F11 VSS S - - - Table 16. STM32L072xxx pin definition (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |