| データシートサーチシステム |
|
STM32L072V8 データシート(PDF) 50 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L072V8 データシート(HTML) 50 Page - STMicroelectronics |
|
50 / 147 page ![]() Pin descriptions STM32L072xx 50/147 DocID027100 Rev 3 27 26 40 56 A4 B3 90 A7 PB4 I/O FTf - SPI1_MISO, TIM3_CH1, TSC_G5_IO2, TIM22_CH1, USART1_CTS, USART5_RX, I2C3_SDA COMP2_INP 28 27 41 57 C4 A4 91 C5 PB5 I/O FT - SPI1_MOSI, LPTIM1_IN1, I2C1_SMBA, TIM3_CH2/TIM22_CH2, USART1_CK, USART5_CK/USART5_R TS_DE COMP2_INP 29 28 42 58 D3 B4 92 B5 PB6 I/O FTf - USART1_TX, I2C1_SCL, LPTIM1_ETR, TSC_G5_IO3 COMP2_INP 30 29 43 59 C3 C3 93 B4 PB7 I/O FTf - USART1_RX, I2C1_SDA, LPTIM1_IN2, TSC_G5_IO4, USART4_CTS COMP2_INP, VREF_PVD_IN 31 30 44 60 B4 A5 94 A4 BOOT0 I - - - - - 45 61 B3 B5 95 A3 PB8 I/O FTf - TSC_SYNC, I2C1_SCL - - - 46 62 A3 A6 96 B3 PB9 I/O FTf - EVENTOUT, I2C1_SDA, SPI2_NSS/I2S2_WS - - - - - - - 97 C3 PE0 I/O FT - EVENTOUT - - - - - - - 98 A2 PE1 I/O FT - EVENTOUT - 32 31 47 63 D4 - 99 D3 VSS S - - - - -32 4864 E4 A7 100 C4 VDD S - - - - 1. UFQFPN32 pinout differs from other STM32 devices except STM32L07xxx and STM32L8xxx. 2. PA4 offers a reduced touch sensing sensitivity. It is thus recommended to use it as sampling capacitor I/O. 3. These pins are powered by VDD_USB. For all characteristics that refer to VDD, VDD_USB must be used instead. Table 16. STM32L072xxx pin definition (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |