| データシートサーチシステム |
|
STM32F413RHT6 データシート(PDF) 57 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F413RHT6 データシート(HTML) 57 Page - STMicroelectronics |
|
57 / 207 page ![]() DocID029162 Rev 2 57/207 STM32F413xG/H Pinouts and pin description 72 28 36 H1 54 K10 L12 76 PB15 I/O FTf - RTC_REFIN, TIM1_CH3N, TIM8_CH3N, I2CFMP1_SCL, SPI2_MOSI/I2S2_SD, DFSDM1_CKIN2, TIM12_CH2, SDIO_CK, EVENTOUT - -- NC 55 - L9 77 PD8 I/O FT (2) USART3_TX, FSMC_D13/FSMC_DA1 3, EVENTOUT - - - F2 56 K8 K9 78 PD9 I/O FT - USART3_RX, FSMC_D14/FSMC_DA1 4, EVENTOUT - -- G1 57 J12 J9 79 PD10 I/O FT (7) USART3_CK, UART4_TX, FSMC_D15/FSMC_DA1 5, EVENTOUT - -- NC 58 J11 H9 80 PD11 I/O FT (2) DFSDM2_DATIN2, I2CFMP1_SMBA, USART3_CTS, QUADSPI_BK1_IO0, FSMC_A16, EVENTOUT - - - NC 59 J10 L10 81 PD12 I/O FTf (2) TIM4_CH1, DFSDM2_CKIN2, I2CFMP1_SCL, USART3_RTS, QUADSPI_BK1_IO1, FSMC_A17, EVENTOUT - - - NC 60 H12 K10 82 PD13 I/O FTf (2) TIM4_CH2, I2CFMP1_SDA, QUADSPI_BK1_IO3, FSMC_A18, EVENTOUT - - - - - - G8 83 VSS S - - - - -- - - - F8 84 VDD S - - - - - - NC 61 H11 K11 85 PD14 I/O FTf (2) TIM4_CH3, I2CFMP1_SCL, DFSDM2_CKIN0, UART9_RX, FSMC_D0/FSMC_DA0, EVENTOUT - Table 10. STM32F413xG/H pin definition (continued) Pin Number Pin name (function after reset)(1) Pin type I/O structure Notes Alternate functions Additional functions |