データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F413RHT6 データシート(PDF) 68 Page - STMicroelectronics

部品番号 STM32F413RHT6
部品情報  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, up to 1.5MB Flash, 320KB RAM, USB OTG FS, 1 ADC, 2 DACs, 2 DFSDMs
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F413RHT6 データシート(HTML) 68 Page - STMicroelectronics

Back Button STM32F413RHT6 Datasheet HTML 64Page - STMicroelectronics STM32F413RHT6 Datasheet HTML 65Page - STMicroelectronics STM32F413RHT6 Datasheet HTML 66Page - STMicroelectronics STM32F413RHT6 Datasheet HTML 67Page - STMicroelectronics STM32F413RHT6 Datasheet HTML 68Page - STMicroelectronics STM32F413RHT6 Datasheet HTML 69Page - STMicroelectronics STM32F413RHT6 Datasheet HTML 70Page - STMicroelectronics STM32F413RHT6 Datasheet HTML 71Page - STMicroelectronics STM32F413RHT6 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 207 page
background image
PD0
-
-
-
DFSDM2_C
KIN6
--
-
-
-
CAN1_RX
-
UART4_
RX
FSMC_D2/
FSMC_DA2
--
EVENT
OUT
PD1
-
-
-
DFSDM2_D
ATIN6
-
-
-
-
-
CAN1_TX
-
UART_T
X
FSMC_D3/F
SMC_DA3
--
EVENT
OUT
PD2
-
-
TIM3_
ETR
DFSDM2_C
KOUT
--
-
-
UART5_
RX
-
FSMC_
NWE
-SDIO_CMD
-
-
EVENT
OUT
PD3
TRACE
D1
--
-
-
SPI2_SCK/
I2S2_CK
DFSDM1_
DATIN0
USART2_
CTS
-
QUADSPI_
CLK
--
FSMC_CLK
-
-
EVENT
OUT
PD4
-
-
-
-
-
-
DFSDM1_
CKIN0
USART2_
RTS
--
-
-
FSMC_
NOE
--
EVENT
OUT
PD5
-
-
-
DFSDM2_C
KOUT
--
-
USART2_
TX
--
-
-
FSMC_
NWE
--
EVENT
OUT
PD6
-
-
-
-
-
SPI3_MOSI/
I2S3_SD
DFSDM1_
DATIN1
USART2_
RX
--
-
-
FSMC_
NWAIT
--
EVENT
OUT
PD7
-
-
-
-
-
-
DFSDM1_
CKIN1
USART2_
CK
--
-
-
FSMC_NE1
-
-
EVENT
OUT
PD8
-
-
-
-
-
-
-
USART3_
TX
--
-
-
FSMC_D13/
FSMC_
DA13
--
EVENT
OUT
PD9
-
-
-
-
-
-
-
USART3_
RX
--
-
-
FSMC_D14/
FSMC_
DA14
--
EVENT
OUT
PD10
-
-
-
-
-
-
-
USART3_
CK
UART4_
TX
--
-
FSMC_D15/
FSMC_
DA15
--
EVENT
OUT
PD11
-
-
-
DFSDM2_D
ATIN2
I2CFMP1
_SMBA
--
USART3_
CTS
-
QUADSPI_
BK1_IO0
--
FSMC_A16
-
-
EVENT
OUT
PD12
-
-
TIM4_
CH1
DFSDM2_C
KIN2
I2CFMP1
_SCL
--
USART3_
RTS
-
QUADSPI_
BK1_IO1
--
FSMC_A17
-
-
EVENT
OUT
PD13
-
-
TIM4_
CH2
-
I2CFMP1
_SDA
--
-
-
QUADSPI_
BK1_IO3
--
FSMC_A18
-
-
EVENT
OUT
PD14
-
-
TIM4_
CH3
-
I2CFMP1
_SCL
--
-
-
-
DFSDM2_
CKIN0
UART9_
RX
FSMC_D0/F
SMC_DA0
--
EVENT
OUT
PD15
-
-
TIM4_
CH4
-
I2CFMP1
_SDA
--
-
-
-
DFSDM2_
DATIN0
UART9_
TX
FSMC_D1/F
SMC_DA1
--
EVENT
OUT
Table 11. STM32F413xG/H alternate functions (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13 AF14
AF15
SYS_
AF
TIM1/2/
LPTIM1
TIM3/4/5
DFSDM2/
TIM8/9/10/11
I2C1/2/3/
I2CFMP1
SPI1/I2S1/
SPI2/I2S2/
SPI3/I2S3/
SPI4/I2S4
SPI2/I2S2/
SPI3/I2S3/
SPI4/I2S4/
SPI5/I2S5/
DFSDM1/2
SPI3/I2S3/
SAI1/
DFSDM2/
USART1/
USART2/
USART3
DFSDM1/
USART3/4/
5/6/7/8/
CAN1
I2C2/I2C3/
I2CFMP1/
CAN1/2/
TIM12/13/14/
QUADSPI
SAI1/
DFSDM1/
DFSDM2/
QUADSPI/
FSMC
/OTG1_FS
UART4/
UART5/
UART9/
UART10
/CAN3
FSMC /SDIO
-
RNG
SYS_
AF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More