データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UPSD323X データシート(PDF) 68 Page - STMicroelectronics

部品番号 UPSD323X
部品情報  Flash Programmable System Devices with 8032 Microcontroller Core and 64Kbit SRAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD323X データシート(HTML) 68 Page - STMicroelectronics

Back Button UPSD323X Datasheet HTML 64Page - STMicroelectronics UPSD323X Datasheet HTML 65Page - STMicroelectronics UPSD323X Datasheet HTML 66Page - STMicroelectronics UPSD323X Datasheet HTML 67Page - STMicroelectronics UPSD323X Datasheet HTML 68Page - STMicroelectronics UPSD323X Datasheet HTML 69Page - STMicroelectronics UPSD323X Datasheet HTML 70Page - STMicroelectronics UPSD323X Datasheet HTML 71Page - STMicroelectronics UPSD323X Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 176 page
background image
µPSD323X
68/176
Figure 32. Serial Port Mode 2, Waveforms
Figure 33. Serial Port Mode 3, Block Diagram
AI06845
Write to SBUF
Data
Shift
TxD
TI
Rx Clock
RxD
Bit Detector
Sample Times
Shift
RI
S1P1
÷16 Reset
Receive
Transmit
D0
D1
D2
D3
D4
D5
D6
D7
Send
Tx Clock
Start Bit
Stop Bit
TB8
D0
D1
D2
D3
D4
D5
D6
D7
Start Bit
Stop Bit
RB8
Stop Bit
Generator
AI06846
Zero Detector
Internal Bus
Tx Control
Rx Control
Internal Bus
SBUF
Write
to
SBUF
Read
SBUF
Load
SBUF
SBUF
Input Shift Register
Shift
Serial
Port
Interrupt
Rx Clock
Start
Tx Clock
Start
Shift
Shift
Send
Load SBUF
TI
RI
CL
DS
Q
1FFh
TxD
Data
Rx Detector
RxD
1-to-0
Transition
Detector
÷16
Sample
÷16
÷2
TB8
Timer1
Overflow
Timer2
Overflow
0
01
1
01
TCLK
RCLK
SMOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More