データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UPSD323X データシート(PDF) 82 Page - STMicroelectronics

部品番号 UPSD323X
部品情報  Flash Programmable System Devices with 8032 Microcontroller Core and 64Kbit SRAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD323X データシート(HTML) 82 Page - STMicroelectronics

Back Button UPSD323X Datasheet HTML 78Page - STMicroelectronics UPSD323X Datasheet HTML 79Page - STMicroelectronics UPSD323X Datasheet HTML 80Page - STMicroelectronics UPSD323X Datasheet HTML 81Page - STMicroelectronics UPSD323X Datasheet HTML 82Page - STMicroelectronics UPSD323X Datasheet HTML 83Page - STMicroelectronics UPSD323X Datasheet HTML 84Page - STMicroelectronics UPSD323X Datasheet HTML 85Page - STMicroelectronics UPSD323X Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 176 page
background image
µPSD323X
82/176
Master receiver mode flow.
1. Read SxSTA.
2. If BBUSY == 1 then
go to step1.
Else then
write slave address to SxDAT and set both
ENI1 and STA, reset AA in SxCON.
3. Wait for interrupt.
4. Read SxSTA.
If BLOST == 1 or /ACK_REP == 1 then
write dummy data to SxDAT
Go to step1.
Else then
clear STA and write FFH to SxDAT.
Set AA in SxCON.
5. Wait for interrupt.
6. Read SxSTA.
If this datum == LAST then
reset AA* and read SxDAT**.
Go to step7.
Else then
read SxDAT**.
Go to step5.
7. Wait for interrupt.
Read SxSTA.
Read SxDAT**.
Note: 1. (*) If the master want to terminate the current data re-
quests, it don’t have to acknowledge to the slave.
2. (**) This action should be the last.
Slave transmitter mode.
1. Write slave address to SxADR, set AA and ENI
in SxCON.
2. Wait for interrupt.
3. Read SxSTA and write FFH to SxDAT*.
4.
5. Wait for interrupt.
6. Read SxSTA.
If STOP == 1 then
Go to step7.
Else then
read data from SxDAT*.
Go to step5.
7. Read dummy data from SxDAT*.
Note: 1. (*) This action should be the last.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More