データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UPSD323X データシート(PDF) 55 Page - STMicroelectronics

部品番号 UPSD323X
部品情報  Flash Programmable System Devices with 8032 Microcontroller Core and 64Kbit SRAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD323X データシート(HTML) 55 Page - STMicroelectronics

Back Button UPSD323X Datasheet HTML 51Page - STMicroelectronics UPSD323X Datasheet HTML 52Page - STMicroelectronics UPSD323X Datasheet HTML 53Page - STMicroelectronics UPSD323X Datasheet HTML 54Page - STMicroelectronics UPSD323X Datasheet HTML 55Page - STMicroelectronics UPSD323X Datasheet HTML 56Page - STMicroelectronics UPSD323X Datasheet HTML 57Page - STMicroelectronics UPSD323X Datasheet HTML 58Page - STMicroelectronics UPSD323X Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 176 page
background image
55/176
µPSD323X
Figure 22. Timer/Counter Mode 0: 13-bit Counter
Figure 23. Timer/Counter Mode 2: 8-bit Auto-reload
AI06622
fOSC
TF1
Interrupt
Gate
TR1
INT1 pin
T1 pin
Control
TL1
(5 bits)
TH1
(8 bits)
C/T = 0
C/T = 1
÷ 12
AI06623
fOSC
TF1
Interrupt
Gate
TR1
INT1 pin
T1 pin
Control
TL1
(8 bits)
TH1
(8 bits)
C/T = 0
C/T = 1
÷ 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More