データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UPSD323X データシート(PDF) 73 Page - STMicroelectronics

部品番号 UPSD323X
部品情報  Flash Programmable System Devices with 8032 Microcontroller Core and 64Kbit SRAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD323X データシート(HTML) 73 Page - STMicroelectronics

Back Button UPSD323X Datasheet HTML 69Page - STMicroelectronics UPSD323X Datasheet HTML 70Page - STMicroelectronics UPSD323X Datasheet HTML 71Page - STMicroelectronics UPSD323X Datasheet HTML 72Page - STMicroelectronics UPSD323X Datasheet HTML 73Page - STMicroelectronics UPSD323X Datasheet HTML 74Page - STMicroelectronics UPSD323X Datasheet HTML 75Page - STMicroelectronics UPSD323X Datasheet HTML 76Page - STMicroelectronics UPSD323X Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 176 page
background image
73/176
µPSD323X
Figure 36. Four-Channel 8-bit PWM Block Diagram
AI06647
8-bit PWM0-PWM3
Comparators Registers
8-bit PWM0-PWM3
Comparators
8-bit Counter
x4
8-bit PWM0-PWM3
Data Registers
x4
Port4.3
Port4.4
Port4.5
Port4.6
Overflow
clock
load
16-bit Prescaler
Register
(B2h,B1h)
16-bit Prescaler
Counter
f
OSC/2
CPU rd/wr
CPU rd/wr
load
PWMCON bit5 (PWME)
PWMCON bit7 (PWML)
4
8
DATA BUS
x4
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More