データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM79C970 データシート(PDF) 28 Page - Advanced Micro Devices

部品番号 AM79C970
部品情報  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 データシート(HTML) 28 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 24Page - Advanced Micro Devices AM79C970 Datasheet HTML 25Page - Advanced Micro Devices AM79C970 Datasheet HTML 26Page - Advanced Micro Devices AM79C970 Datasheet HTML 27Page - Advanced Micro Devices AM79C970 Datasheet HTML 28Page - Advanced Micro Devices AM79C970 Datasheet HTML 29Page - Advanced Micro Devices AM79C970 Datasheet HTML 30Page - Advanced Micro Devices AM79C970 Datasheet HTML 31Page - Advanced Micro Devices AM79C970 Datasheet HTML 32Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 168 page
background image
P R E L I M I N A R Y
AMD
1-895
Am79C970
Disconnect Without Data Transfer
Figure 8 shows a target disconnect sequence during
which no data is transferred.
STOP is asserted on clock
4 without
TRDY being asserted at the same time. The
PCnet-PCI controller terminates the current transfer
with the deassertion of
FRAME on clock 5 and one clock
cycle later with the deassertion of
IRDY. It finally re-
leases the bus on clock 6. The PCnet-PCI controller will
re-request the bus after 2 clock cycles to retry the last
transfer. The starting address of the new transfer will be
the same address as of the last untransferred data.
18220C-10
FRAME
CLK
AD
IRDY
TRDY
C/
BE
DEVSEL
REQ
GNT
1234567
8
DATA
0000
0111
10
9
PAR
PAR
PAR
DEVSEL is sampled by the PCnet-PCI controller.
STOP
0111
11
ADDRi
ADDRi
Figure 8. Disconnect Without Data Transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More