データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM79C970 データシート(PDF) 10 Page - Advanced Micro Devices

部品番号 AM79C970
部品情報  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 データシート(HTML) 10 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 6Page - Advanced Micro Devices AM79C970 Datasheet HTML 7Page - Advanced Micro Devices AM79C970 Datasheet HTML 8Page - Advanced Micro Devices AM79C970 Datasheet HTML 9Page - Advanced Micro Devices AM79C970 Datasheet HTML 10Page - Advanced Micro Devices AM79C970 Datasheet HTML 11Page - Advanced Micro Devices AM79C970 Datasheet HTML 12Page - Advanced Micro Devices AM79C970 Datasheet HTML 13Page - Advanced Micro Devices AM79C970 Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 168 page
background image
P R E L I M I N A R Y
AMD
1-877
Am79C970
CONNECTION DIAGRAM
Pin 1 is marked for orientation.
NC = No Connection, reserved for future use.
RESERVED = Internally bonded, for AMD internal test only; should not be connected.
RESERVED_DNC = Reserved, don’t connect.
18220C-2
1
XTAL2
99
AVSS2
98
XTAL1
97
AVDD3
96
TXD+
95
TXP+
94
TXD-
93
TXP-
92
AVDD4
91
RXD+
90
RXD-
89
VSS
88
NC
87
NC
86
NC
85
VDD
84
NC
83
VSS
82
NC
81
NC
80
VSS
79
NC
78
NC
77
VDD
76
NC
75
NC
74
NC
73
VSS
72
NC
71
NC
70
NC
69
NC
68
VSS
67
VDD
2
AD27
3
AD26
4
VSSB
5
AD25
6
AD24
7
C/
BE3
8
VDD
9
RESERVED
10
IDSEL
11
VSS
12
AD23
13
AD22
14
VSSB
15
AD21
16
AD20
17
VDDB
18
AD19
19
AD18
20
VSSB
21
AD17
22
AD16
23
C/
BE2
24
FRAME
25
IRDY
26
TRDY
27
DEVSEL
28
STOP
29
LOCK
30
VSS
31
PERR
32
SERR
33
VDDB
Am79C970
PCnetTM-PCI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More