| データシートサーチシステム |
|
AM79C970 データシート(PDF) 11 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C970 データシート(HTML) 11 Page - Advanced Micro Devices |
|
11 / 168 page ![]() AMD P R E L I M I N A R Y 1-878 Am79C970 ORDERING INFORMATION Standard Products AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is formed by a combination of: TEMPERATURE RANGE C = Commercial (0 °C to +70°C) PACKAGE TYPE (per Prod. Nomenclature) K = Plastic Quad Flat Pack (PQB132) SPEED OPTION Not Applicable DEVICE NUMBER/DESCRIPTION Am79C970 PCnet-PCI Single-Chip Ethernet Controller for PCI Local Bus AM79C970 Valid Combinations KC, KC\W Valid Combinations ALTERNATE PACKAGING OPTION \W = Trimmed and Formed in a Tray AM79C970 K C \W Valid Combinations list configurations planned to be supported in volume for this device. Consult the local AMD sales office to confirm availability of specific valid combinations and to check on newly released combinations. OPTIONAL PROCESSING Blank = Standard Processing |