データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM79C970 データシート(PDF) 77 Page - Advanced Micro Devices

部品番号 AM79C970
部品情報  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 データシート(HTML) 77 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 73Page - Advanced Micro Devices AM79C970 Datasheet HTML 74Page - Advanced Micro Devices AM79C970 Datasheet HTML 75Page - Advanced Micro Devices AM79C970 Datasheet HTML 76Page - Advanced Micro Devices AM79C970 Datasheet HTML 77Page - Advanced Micro Devices AM79C970 Datasheet HTML 78Page - Advanced Micro Devices AM79C970 Datasheet HTML 79Page - Advanced Micro Devices AM79C970 Datasheet HTML 80Page - Advanced Micro Devices AM79C970 Datasheet HTML 81Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 168 page
background image
AMD
P R E L I M I N A R Y
1-944
Am79C970
NAND Tree Testing
The PCnet-PCI controller provides a NAND tree test
mode to allow checking connectivity to the device on a
printed circuit board. The NAND tree is built on all PCI
bus signals.
NAND tree testing is enabled by asserting
RST. All PCI
bus signals will become inputs on the asserting of
RST.
The result of the NAND tree test can be observed on the
NOUT pin.
18220C-32
PCnet-PCI
Core
RST
(pin 120)
INTA
(pin 117)
VDD
CLK
(pin 121)
AD0
(pin 57)
NOUT
(pin 62)
B
A
S
MUX
O
VDD
Figure 30. NAND Tree



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More