データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADRF6820ACPZ-R7 データシート(PDF) 35 Page - Analog Devices

部品番号 ADRF6820ACPZ-R7
部品情報  Internal LO frequency range
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADRF6820ACPZ-R7 データシート(HTML) 35 Page - Analog Devices

Back Button ADRF6820ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 45 page
background image
Data Sheet
ADRF6820
Rev. C | Page 35 of 45
Address: 0x21, Reset: 0x0003, Name: PFD_CTL
Table 25. Bit Descriptions for PFD_CTL
Bits
Bit Name
Settings
Description
Reset
Access
[6:4]
REF_MUX_SEL
Reference (REF) mux select
0x0
RW
000
LOCK_DET
001
VPTAT
010
REFCLK
011
REFCLK/2
100
REFCLK × 2
101
REFCLK/8
110
REFCLK/4
111
SCAN
3
PFD_POLARITY
Set PFD polarity
0x0
RW
0
Positive
1
Negative
[2:0]
REFSEL
Set REF input multiply/divide ratio
0x3
RW
000
×2
001
×1
010
Divide by 2
011
Divide by 4
100
Divide by 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45