| データシートサーチシステム |
|
ADRF6820ACPZ-R7 データシート(PDF) 43 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADRF6820ACPZ-R7 データシート(HTML) 43 Page - Analog Devices |
|
43 / 45 page ![]() Data Sheet ADRF6820 Rev. C | Page 43 of 45 Address: 0x42, Reset: 0x000E, Name: DITH_CTL1 Table 34. Bit Descriptions for DITH_CTL1 Bits Bit Name Settings Description Reset Access 3 DITH_EN Set dither enable 0x1 RW 0 Disable 1 Enable [2:1] DITH_MAG Set dither magnitude 0x3 RW 0 DITH_VAL Set dither value 0x0 RW Address: 0x43, Reset: 0x0001, Name: DITH_CTL2 Table 35. Bit Descriptions for DITH_CTL2 Bits Bit Name Settings Description Reset Access [15:0] DITH_VAL Set dither value 0x1 RW Address: 0x44, Reset: 0x0000, Name: DIV_SM_CTL Table 36. Bit Descriptions for DIV_SM_CTL Bits Bit Name Settings Description Reset Access 0 BANDCAL_DIVD_CLR Set to 1 to disable autocal 0x0 RW |