データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADP3500AST データシート(PDF) 15 Page - List of Unclassifed Manufacturers

部品番号 ADP3500AST
部品情報  CDMA Power Management System
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

ADP3500AST データシート(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button ADP3500AST Datasheet HTML 11Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 12Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 13Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 14Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 15Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 16Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 17Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 18Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
ADP3500
REV.PrP 2/6/02
- 15 -
Reset sequence runs
A
Baseband sets Charge Voltage
Baseband sets MVBAT gain
Baseband Enables
Full charge current?
(CHI=1?)
N
Y
Low Current Charge: OFF
SetFullcurrent charge
IADAPTER=750mA
(150mV on Rsense)
Baseband
CHEN=0?
N
Y
Charging Terminated
CHI=0: Full current charge OFF
CHI=1: Full current charge ON
Figure 7. Charger flow chart B
1.2.3.
Charger Detect function
The ADP3500 will detect that a charging adapter has been applied when the voltage at the ADAPTER pin exceeds the voltage at
BATSNS. The ADAPTER pin voltage must exceed the BVS voltage by a small positive offset. This offset has hysteresis to prevent
jitter at the detection threshold. The charger detection comparator will set the Charger_Detect flag in the 20h register and generate an
interrupt to the system. If the ADAPTER input voltage drops below the detection threshold, charging will stop automatically and the
Charger_Detect flag will be cleared and generate an interrupt also.
1.2.4.
DDLO function and operation
The ADP3500 contains a comparator that will lock out system operation if the battery voltage drops to the point of deep discharge.
When the battery voltage exceeds 2.675 V, the reference will start as will the sub-LDO 3b. If the battery voltage drops below the
hysteresis level, the reference and LDO's will be shut down, if for some reason they are still active. Since LDO1 will be in deep
dropout and well below the voltage detector threshold at this point, the reset generator will have already shut down the rest of the
system via RESET+, RESETOUT-, and RSTDELAY-.
If a charging adapter has been applied to the system, the DDLO comparator will force the charging current to trickle charge if the
battery is below the DDLO threshold. During this time, the charging current is limited to 5 mA. When the battery voltage exceeds
the upper threshold, the low current charging is enabled, which allows 55 mV (typical) across the external charge current sense
resistor. See also Figure 6, the Battery Charger Flowchart.
1.3 MVBAT
The ADP3500 provides a scaled buffered output voltage for use in reading the battery voltage with an A/D converter. The battery
voltage is divided down to be nominally 2.600 V at full scale battery of 4.35 V. To assist with calibrating out system errors in the
PRELIMINARY TECHNICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com