| データシートサーチシステム |
|
ST95HF データシート(PDF) 75 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST95HF データシート(HTML) 75 Page - STMicroelectronics |
|
75 / 93 page ![]() DocID025630 Rev 4 75/93 ST95HF Examples of ST95HF command code to activate NFC Forum and ISO/IEC 15693 tags 92 REM, REQA no other tag In operating volume >>> CR95HFDLL_STCMD, 01 04022607 <<< 8700 D.1.4 NFC Forum Tag Type 2 Communication using Parity Framing mode which is compliant with MIFARE® framing requirements. REM, TEST Extract NDEF Message of NFC Tag Type 2 using Parity Framing mode option REM, ISO14443-A protocol select >>> 02000280 <<< 0000 REM, ISO14443-A configuration >>> 09043A005A04 <<< 0000 REM, ISO14443-A: Increase modulation and gain >>> 0904680101DF <<< 0000 REM, REQA >>> 04 02 26 07 <<< 80 05 4400 280000 REM, Ant CL1 >>> 04 03 93 20 08 <<< 80 08 8804CB8CCB 280000 REM, Sel CL1 >>> 04 08 9370 8804CB8CCB 28 <<< 80 06 04 DA17 080000 REM, Ant CL2 >>> 04 03 9520 08 <<< 80 08 1A432880F1 280000 REM, Sel CL2 >>> 04 08 9570 1A432880F1 28 <<< 80 06 00 FE51 080000 |