データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST95HF データシート(PDF) 84 Page - STMicroelectronics

部品番号 ST95HF
部品情報  Dedicated internal frame controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95HF データシート(HTML) 84 Page - STMicroelectronics

Back Button ST95HF Datasheet HTML 80Page - STMicroelectronics ST95HF Datasheet HTML 81Page - STMicroelectronics ST95HF Datasheet HTML 82Page - STMicroelectronics ST95HF Datasheet HTML 83Page - STMicroelectronics ST95HF Datasheet HTML 84Page - STMicroelectronics ST95HF Datasheet HTML 85Page - STMicroelectronics ST95HF Datasheet HTML 86Page - STMicroelectronics ST95HF Datasheet HTML 87Page - STMicroelectronics ST95HF Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 93 page
background image
Examples of ST95HF command code to activate NFC Forum and ISO/IEC 15693 tags
ST95HF
84/93
DocID025630 Rev 4
REM, Select Protocol 14443C
>>> CR95HFDLL_STCMD, 01 02020451
<<< 0000
REM, ISO/IEC 18092 New Modulation and Gain 0x50
>>> CR95HFDLL_STCMD, 01 090468010150
<<< 0000
REM, ISO/IEC 18092 Enable AutoDetect Filter to synchronize NFC Forum Tag Type 3 with
ST95HF device
>>> CR95HFDLL_STCMD, 01 09040A0102A1
<<< 0000
REM, REQC 00 FFFF 00 00 (command code System code No request slot 0)
REM, ATQC 80 12 01 010102148E0DB413 (Manuf ID) 100B4B428485D0FF (Manuf
Parameter)
>>> CR95HFDLL_STCMD, 01 04 05 00FFFF0000
<<< 80 12 01 010102148E0DB413 100B4B428485D0FF 00
D.4
ISO/IEC 15693
D.4.1
ISO/IEC 15693 tag
REM, Test Tag ISO/IEC 15693 (LR family)
REM,
Protocol Selection
Up link
Ask 30%
coding 1/4
REM,
Down link Single Sub carrier High data rate
REM,
Inventory One Slot
REM, Command Protocol Select 02 02 01 05
REM,
Protocol Selection
>>> CR95HFDLL_STCMD, 01 02020105
<<< 0000
REM,
Modification of IndexMod & Gain in Analog Value register
@69_index1 0x50
>>> CR95HFDLL_STCMD, 01 090468010150
<<< 0000
REM, Inventory 1 Slot
>>> CR95HFDLL_STCMD, 01 0403 260100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93