| データシートサーチシステム |
|
STMPE16M31 データシート(PDF) 63 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE16M31 データシート(HTML) 63 Page - STMicroelectronics |
|
63 / 85 page ![]() STMPE16M31, STMPE24M31 Touch sensor controller Doc ID 16174 Rev 4 63/85 RATIO_ENG_STA Ratio engine status register Address: 0x83 Type: R Reset: 0x00 Description: This register report the event of multi touch in the ratio engine. RATIO_ENG_DATA-n (engineering samples) Ratio engine -1, -2 data registers Address: 0x84-0x86, 0x87-0x89 Type: R Reset: 0x0000 Description: Position of the touch as calculation output of ratio engine1 and 2. Data is organized as a “packet“ of 3 bytes. The data is backed by 4-level of buffer. 1st byte [7:0] 2nd byte [15:8] 76 543 210 RESERVED MT2 MT1 RW RW RW RW RW RW RW RW 00 000 000 [7:2] RESERVED [1] MT2 Read ‘1’ when more than 1 touch is detected in Ratio Engine 2 [0] MT1 Read ‘1’ when more than 1 touch is detected in Ratio Engine 1 76 543 210 POS[7:0] RW RW RW RW RW RW RW RW 00 000 000 76 543 210 MOV[5:0] POS[9:8] RW RW RW RW RW RW RW RW 00 000 000 Obsolete Product(s) - Obsolete Product(s) |