| データシートサーチシステム |
|
STMPE16M31 データシート(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE16M31 データシート(HTML) 35 Page - STMicroelectronics |
|
35 / 85 page ![]() STMPE16M31, STMPE24M31 GPIO controller Doc ID 16174 Rev 4 35/85 GPIO_SET_PIN GPIO set pin state register Address: 0x14 – 0x15 Type: RW Reset: 0x00 Description: Setting of the I/O output state. LSB (0x14) MSB (0x15) 76 543 210 IO-7 IO-6 IO-5 IO-4 IO-3 IO-2 IO-1 IO-0 RW RW RW RW RW RW RW RW 00 000 000 76 543 210 IO-15 IO-14 IO-13 IO-12 IO-11 IO-10 IO-9 IO-8 RW RW RW RW RW RW RW RW 00 000 000 [7:0] IO - X Write ‘1’ to set the corresponding IO output state to HIGH Write ‘0’ to set the corresponding IO output state to LOW Obsolete Product(s) - Obsolete Product(s) |