データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STMPE16M31 データシート(PDF) 45 Page - STMicroelectronics

部品番号 STMPE16M31
部品情報  S-Touch® 16/24-channel touchkey controller with PWM and ratio engines
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE16M31 データシート(HTML) 45 Page - STMicroelectronics

Back Button STMPE16M31 Datasheet HTML 41Page - STMicroelectronics STMPE16M31 Datasheet HTML 42Page - STMicroelectronics STMPE16M31 Datasheet HTML 43Page - STMicroelectronics STMPE16M31 Datasheet HTML 44Page - STMicroelectronics STMPE16M31 Datasheet HTML 45Page - STMicroelectronics STMPE16M31 Datasheet HTML 46Page - STMicroelectronics STMPE16M31 Datasheet HTML 47Page - STMicroelectronics STMPE16M31 Datasheet HTML 48Page - STMicroelectronics STMPE16M31 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 85 page
background image
STMPE16M31, STMPE24M31
Basic PWM programming
Doc ID 16174 Rev 4
45/85
12
Basic PWM programming
The PWM controllers are capable of generating the following brightness patterns:
Figure 11.
Pulses with programmable brightness, ON/OFF period and repetition
The registers need to be programmed for this sequence:
On period = Period 0[1:0] * Time Unit [3:0]
Off period = Period 1[1:0] * Time Unit [3:0]
Duty cycle during on period = Brightness [7:4]
Number of cycles = Repetition [3:0]
Ramp-mode is disabled
Figure 12.
Ramps with programmable brightness, ON/OFF period and repetition
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85