データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STMPE16M31 データシート(PDF) 43 Page - STMicroelectronics

部品番号 STMPE16M31
部品情報  S-Touch® 16/24-channel touchkey controller with PWM and ratio engines
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE16M31 データシート(HTML) 43 Page - STMicroelectronics

Back Button STMPE16M31 Datasheet HTML 39Page - STMicroelectronics STMPE16M31 Datasheet HTML 40Page - STMicroelectronics STMPE16M31 Datasheet HTML 41Page - STMicroelectronics STMPE16M31 Datasheet HTML 42Page - STMicroelectronics STMPE16M31 Datasheet HTML 43Page - STMicroelectronics STMPE16M31 Datasheet HTML 44Page - STMicroelectronics STMPE16M31 Datasheet HTML 45Page - STMicroelectronics STMPE16M31 Datasheet HTML 46Page - STMicroelectronics STMPE16M31 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 85 page
background image
STMPE16M31, STMPE24M31
PWM controller
Doc ID 16174 Rev 4
43/85
PWM_n_RAMP_RATE
PWM-N ramp rate register
Address:
0x42, 0x46, 0x4A, 0x4E, 0x52, 0x56, 0x5A, 0x5E
Type:
RW
Reset:
0x00
Description:
Setting of ramp rate
76
543
210
INV
Reserved
RampDown
RampUp
RW
RW
RW
RW
RW
RW
RW
RW
00
000
000
[7] INV
LED driving/sinking mode
Write ‘1’ for LED sinking mode (HIGH = LED Off, LOW = LED On)
Write ‘0’ for LED driving mode (HIGH = LED On, LOW = LED Off
[6] Reserved
[5:3] RampDown
Set the PWM ramp down rate
‘000’ : 1/4 of time unit per brightness level change
‘001’ : 1/8 of time unit per brightness level change
‘010’ : 1/16 of time unit per brightness level change
‘011’ : 1/32 of time unit per brightness level change
‘100’ : 1/64 of time unit per brightness level change
’101’ : 1/128 of time unit per brightness level change
‘110’ : reserved
‘111’ : reserved
[2:0] RampUp
Set the PWM ramp up rate
‘000’ : 1/4 of time unit per brightness level change
‘001’ : 1/8 of time unit per brightness level change
‘010’ : 1/16 of time unit per brightness level change
‘011’ : 1/32 of time unit per brightness level change
‘100’ : 1/64 of time unit per brightness level change
’101’ : 1/128 of time unit per brightness level change
‘110’ : reserved
‘111’ : reserved
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85