データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STS1TX データシート(PDF) 49 Page - STMicroelectronics

部品番号 STS1TX
部品情報  Industrial monitoring and control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS1TX データシート(HTML) 49 Page - STMicroelectronics

Back Button STS1TX Datasheet HTML 45Page - STMicroelectronics STS1TX Datasheet HTML 46Page - STMicroelectronics STS1TX Datasheet HTML 47Page - STMicroelectronics STS1TX Datasheet HTML 48Page - STMicroelectronics STS1TX Datasheet HTML 49Page - STMicroelectronics STS1TX Datasheet HTML 50Page - STMicroelectronics STS1TX Datasheet HTML 51Page - STMicroelectronics STS1TX Datasheet HTML 52Page - STMicroelectronics STS1TX Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 70 page
background image
DocID025109 Rev 1
49/70
STS1TX
MCU interface
Figure 10. SPI “write” operation
Figure 11. SPI “read” operation
Figure 12. SPI “command” operation
Concerning the first byte, the MSB is an A/C bit (Address/Commands: 0 indicates that the
following byte is an address, 1 indicates that the following byte is a command code), while
the LSB is a W/R bit (Write/Read: 1 indicates a read operation). All other bits must be zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70