| データシートサーチシステム |
|
HAL855 データシート(PDF) 48 Page - Micronas |
|
|
|||||||||||||||||||||||||||||
HAL855 データシート(HTML) 48 Page - Micronas |
|
48 / 102 page ![]() HAL8xy, HAL100x APPLICATION NOTE Programmer Board 48 Sept. 19, 2013; APN000046_03EN Micronas 5.3.6. Register Information (HAL82x / HAL83x / HAL880 / HAL1002) Terminology: REGISTER: Name of the register or register value Register: Name of the parameter CLAMP LOW – The register range is from 0 up to 1023. – The register value is calculated by: CLAMP HIGH – The register range is from 0 up to 511. – The register value is calculated by: VOQ – The register range is from 1024 up to 1023. – The register value is calculated by: SENSITIVITY – The register range is from 8192 up to 8191. – The register value is calculated by: CLAMP LOW Low Clamping Voltage 2 V DD ----------------------------------------------------------------- 255 = CLAMP HIGH High Clamping Voltage V DD --------------------------------------------------------- 511 = VOQ V OQ V DD ----------- 1024 = SENSITIVITY Sensitivity 2048 = |