| データシートサーチシステム |
|
HAL855 データシート(PDF) 62 Page - Micronas |
|
|
|||||||||||||||||||||||||||||
HAL855 データシート(HTML) 62 Page - Micronas |
|
62 / 102 page ![]() HAL8xy, HAL100x APPLICATION NOTE Programmer Board 62 Sept. 19, 2013; APN000046_03EN Micronas 6. Operation Mode 2 HAL855 This operation mode is set by sending the “j2” command. Communication: PC prog. board Section 6.1 and Section 6.2 contain a detailed description of communication between the PC and the programmer board V 5.1. Particularly, all board commands available in the operation mode “j2” are listed. Communication: prog. board sensor The communication between the programmer board and the Hall sensor is described in Section 6.3 Data formats The data formats for communication between both the PC and the board, and the board and the sensor are summarized in Section 6.4 Programming procedure Finally, Section 6.5 depicts the programming procedure and gives an example of a complete programming sequence. |