データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HAL855 データシート(PDF) 16 Page - Micronas

部品番号 HAL855
部品情報  Programmer Board
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICRONAS [Micronas]
ホームページ  http://www.micronas.com
Logo MICRONAS - Micronas

HAL855 データシート(HTML) 16 Page - Micronas

Back Button HAL855 Datasheet HTML 12Page - Micronas HAL855 Datasheet HTML 13Page - Micronas HAL855 Datasheet HTML 14Page - Micronas HAL855 Datasheet HTML 15Page - Micronas HAL855 Datasheet HTML 16Page - Micronas HAL855 Datasheet HTML 17Page - Micronas HAL855 Datasheet HTML 18Page - Micronas HAL855 Datasheet HTML 19Page - Micronas HAL855 Datasheet HTML 20Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 102 page
background image
HAL8xy, HAL100x
APPLICATION NOTE
Programmer Board
16
Sept. 19, 2013; APN000046_03EN
Micronas
3.4.1.
Firmware Update
The HAL Programmer V5.1 is equipped with a flash-memory. Thus, firmware-upgrades
can be done easily by flashing the new firmware into this memory. For this purpose the
software-tool-kit ‘FLASH IT’ is provided.
1. Unzip the package ‘Flashit.zip’ into a suitable working directory. When unzipping with
‘WinZip’ a sub-folder ‘\Flashit’ will be generated.
2. Close the jumper ‘BOOT’ beneath the ‘Reset’-button of the HAL Programmer Board.
3. Push the ‘Reset’-button.
4. Open the jumper ‘BOOT’ again.
5. Start the executable ‘Bootload.exe’ by double-clicking the icon in \Flashit.
6. After hitting the
icon, the flash process starts.
Fig. 3–2:
Flash procedure
Note: The flash process lasts for about 10 – 15 min. After the process has finished,
the board will be reset automatically and the new firmware will start working.
Note: The firmware to be loaded into the flash-memory is called ‘HALFLASH.H86’. It
must be stored in the same folder where the executable is located.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More