データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HAL855 データシート(PDF) 78 Page - Micronas

部品番号 HAL855
部品情報  Programmer Board
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICRONAS [Micronas]
ホームページ  http://www.micronas.com
Logo MICRONAS - Micronas

HAL855 データシート(HTML) 78 Page - Micronas

Back Button HAL855 Datasheet HTML 74Page - Micronas HAL855 Datasheet HTML 75Page - Micronas HAL855 Datasheet HTML 76Page - Micronas HAL855 Datasheet HTML 77Page - Micronas HAL855 Datasheet HTML 78Page - Micronas HAL855 Datasheet HTML 79Page - Micronas HAL855 Datasheet HTML 80Page - Micronas HAL855 Datasheet HTML 81Page - Micronas HAL855 Datasheet HTML 82Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 102 page
background image
HAL8xy, HAL100x
APPLICATION NOTE
Programmer Board
78
Sept. 19, 2013; APN000046_03EN
Micronas
6.5.1.
The Programmable Output Characteristic
The output characteristic defines the shape of the sensor output signal. It consists of 32
setpoints. Each setpoint can be set to values between 0 and 511 LSB. The output char-
acteristic has to be monotonic increasing (Setpoint0 < Setpoint1 < ... < Setpoint31)
An example of how the setpoints are programmed is given in Fig. 6–7.
Note: In case of a non-linear output characteristic, the parameters SHIFT and SLOPE
are related to the (virtual) straight line connecting the first and the last setpoints
(setpoint 0 and setpoint 31, respectively).
Example:
Fig. 6–7:
Definition of the Output Characteristic “Linear (Standard)”
BEGIN
END
SETPOINT LOOP
FOR SETPOINT = 0 TO 15
WRITE SETPOINTS
STX e 1 0 DAT_LOW DP ETX [Lower Part]
STX e 2 0 DAT_HIGH DP ETX [Higher Part]
CALCULATE SETPOINTS
DAT_LOW = HEX(SETPOINT x 16)
DAT_HIGH = HEX(SETPOINT x 16 + 256)
END SETPOINT LOOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More