| データシートサーチシステム |
|
L9301 データシート(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9301 データシート(HTML) 12 Page - STMicroelectronics |
|
12 / 51 page ![]() Supply pins L9301 12/51 DocID028688 Rev 6 4.3 VDD_IO This pin is used to supply the discrete MISO output stage of L9301 and must be connected to the same voltage used to supply the peripherals of the processor interfaced to L9301. Table 9. VB Pin Symbol Parameter Test condition Min. Typ. Max. Unit VB VB_UV VB undervoltage detection threshold VB decreasing 3.5 - 4 V VB_UV_on VB undervoltage detection threshold VB increasing 4 - 4.5 V VB_UV_hys VB undervoltage hysteresis - 0.1 - 1 V VB_UV_filt VB undervoltage filtering time Tested by scan 90 - 145 us VB_OV VB overvoltage detection threshold VB increasing 19 - 22 V VB_OV_on VB overvoltage detection threshold VB decreasing 19 - 21 V VB_UV_hys VB overvoltage hysteresis - 0.1 - 1 V VB_OV_filt VB overvoltage filtering time Tested by scan 90 - 145 μs |