データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9301 データシート(PDF) 49 Page - STMicroelectronics

部品番号 L9301
部品情報  Automotive octal low side driver or quad low side plus quad high side driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9301 データシート(HTML) 49 Page - STMicroelectronics

Back Button L9301 Datasheet HTML 43Page - STMicroelectronics L9301 Datasheet HTML 44Page - STMicroelectronics L9301 Datasheet HTML 45Page - STMicroelectronics L9301 Datasheet HTML 46Page - STMicroelectronics L9301 Datasheet HTML 47Page - STMicroelectronics L9301 Datasheet HTML 48Page - STMicroelectronics L9301 Datasheet HTML 49Page - STMicroelectronics L9301 Datasheet HTML 50Page - STMicroelectronics L9301 Datasheet HTML 51Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 49 / 51 page
background image
DocID028688 Rev 6
49/51
L9301
Package information
50
14.2
PowerSSO-36 (exp. pad) marking information
Figure 15. PowerSSO-36 (exp. pad) marking information
Note:
Engineering Samples: these samples are clearly identified by the last two digits ‘ES’ in the
marking of each unit. These samples are intended to be used for electrical compatibility
evaluation only; usage for any other purpose may be agreed only upon written authorization
by ST. ST is not liable for any customer usage in production and/or in reliability qualification
trials.
Commercial Samples: Fully qualified parts from ST standard production with no usage
restrictions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51