| データシートサーチシステム |
|
STGAP1STR データシート(PDF) 54 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STGAP1STR データシート(HTML) 54 Page - STMicroelectronics |
|
54 / 67 page ![]() Programming manual STGAP1S 54/67 DocID027190 Rev 3 The 2LTOtime parameter sets the duration of the 2-level turn-off sequence (refer to Section 7.10 on page 33 for details). If the 2LTOtime is set to zero, the 2-level turn-off feature is disabled. Table 35. 2LTOth 2LTOth [3 ... 0] 2LTO threshold value [V] 000 0 7.00 000 1 7.50 001 0 8.00 001 1 8.50 010 0 9.00 010 1 9.50 0 1 1 0 10.00 0 1 1 1 10.50 1 0 0 0 11.00 1 0 0 1 11.50 1 0 1 0 12.00 1 0 1 1 12.50 1 1 0 0 13.00 1 1 0 1 13.50 1 1 1 0 14.00 1 1 1 1 14.50 |