| データシートサーチシステム |
|
STGAP1STR データシート(PDF) 57 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STGAP1STR データシート(HTML) 57 Page - STMicroelectronics |
|
57 / 67 page ![]() DocID027190 Rev 3 57/67 STGAP1S Programming manual 67 The 2LTO_EN bit sets when the feature takes place according to Table 43. Refer to Section 7.10 on page 33 for details. The 2LTOth bit sets the 2-level turn-off threshold according to Table 35 on page 54 and the 2-level turn-off time according to Table 36. The SENSE_EN bit sets if the sense overcurrent function is enabled or not (refer to Section 7.8 on page 33 for details). The DESAT_EN bit sets if the desaturation protection is enabled or not (refer to Section 7.6 on page 30 for details). Set the CLAMP_EN bit to enable the Miller clamp feature (refer to Section 7.9 on page 33 for details). Table 43. 2LTO mode 2LTO_EN 2LTO mode 0 2LTO always active 1 2LTO active only after a fault event Table 44. SENSE comparator enabling SENSE_EN SENSE comparator status 0 SENSE comparator disabled 1 SENSE comparator enabled Table 45. DESAT comparator enabling DESAT_EN DESAT comparator status 0 DESAT comparator disabled 1 DESAT comparator enabled Table 46. Miller clamp feature enabling CLAMP_EN Miller clamp feature status 0 Miller clamp feature disabled 1 Miller clamp feature enabled |