データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STGAP1STR データシート(PDF) 40 Page - STMicroelectronics

部品番号 STGAP1STR
部品情報  gapDRIVE™: galvanically isolated single gate driver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP1STR データシート(HTML) 40 Page - STMicroelectronics

Back Button STGAP1STR Datasheet HTML 36Page - STMicroelectronics STGAP1STR Datasheet HTML 37Page - STMicroelectronics STGAP1STR Datasheet HTML 38Page - STMicroelectronics STGAP1STR Datasheet HTML 39Page - STMicroelectronics STGAP1STR Datasheet HTML 40Page - STMicroelectronics STGAP1STR Datasheet HTML 41Page - STMicroelectronics STGAP1STR Datasheet HTML 42Page - STMicroelectronics STGAP1STR Datasheet HTML 43Page - STMicroelectronics STGAP1STR Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 67 page
background image
Functional description
STGAP1S
40/67
DocID027190 Rev 3
7.14.4
SENSE resistor check
The purpose of this security check is to verify the connection between the device and the
sense shunt resistor and to verify the optional sense resistor filter network is not open.
To perform this test, the following procedure has to be followed:
Set SD = low
Send StartConfig command
Set SENSE_EN = '1'
Set GOFFCHK = '1'
Send StopConfig command
Wait tRchk + tSENSERchk
Read SENSE flag
–
SENSE = '0' → OK (VSENSE < VSENSEth)
–
SENSE = '1' → FAIL (VSENSE > VSENSEth)
During the check a small current ISENSERchk is sourced from the SENSE pin (see
Figure 18). If the sense resistor is not present or floating, SENSE pin voltage will rise and
once VSENSEth is exceeded, a SENSE fault will be reported in the STATUS1 register within
tRchk.
To ensure the check result, the following condition has to be verified:
–
The SENSE flag read has to be delayed of tSENSERchk, which is the time the
customer filtering network and/or the power switch gate takes to reach VSENSEth
by the ISENSERchk current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67