データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STV2050A データシート(PDF) 76 Page - STMicroelectronics

部品番号 STV2050A
部品情報  AUTOMATIC MULTISCAN DIGITAL CONVERGENCE PROCESSOR
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2050A データシート(HTML) 76 Page - STMicroelectronics

Back Button STV2050A Datasheet HTML 72Page - STMicroelectronics STV2050A Datasheet HTML 73Page - STMicroelectronics STV2050A Datasheet HTML 74Page - STMicroelectronics STV2050A Datasheet HTML 75Page - STMicroelectronics STV2050A Datasheet HTML 76Page - STMicroelectronics STV2050A Datasheet HTML 77Page - STMicroelectronics STV2050A Datasheet HTML 78Page - STMicroelectronics STV2050A Datasheet HTML 79Page - STMicroelectronics STV2050A Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 83 page
background image
76/83
STV2050A - I²C BUS REGISTER VARIABLE GLOSSARY AND REGISTER LOCATION
PIC
Status of the port PORC .....................................................................................E4
PLT
Port latch timing ............................................................................................ D4,E4
PMH Parity of register DC values ................................................................................D5
PMV Parity of register DD values ................................................................................D5
POA Port A output data ......................................................................................... D4,E4
POB Port B output data ......................................................................................... D4,E4
POC Port C output data ......................................................................................... D4,E4
PPL Security output enable ........................................................................................E3
PRS PLL time constant Selection................................................................................D5
R
RCH Coarse gain of Red Horizontal ............................................................................E0
RCV Coarse gain of Red Vertical ................................................................................E0
RFH Red Fine gain correction Horizontal....................................................................D0
RFV Red Fine gain correction Vertical ........................................................................D1
RRP Register Read Pointer.........................................................................................EF
RUE Register Update Enable ......................................................................................EF
RU1 D0 D3 registers update timing.............................................................................EF
RU2 E4 register update timing ....................................................................................EF
RWM Read Write mode for EEPROM ..........................................................................E9
S
S01
Power on reset Status.........................................................................E3,E4,E5,E9
S02
POUT Status .......................................................................................................E3
S03
............................................................................................................................E3
S05
Status of the OPTT port ......................................................................................E5
S09
Read out the horizontal position..........................................................................E5
S10
Read out the vertical position..............................................................................E5
S11
Status of the OPTI port .......................................................................................E5
S12
............................................................................................................................E5
S13
1st field vertical pulse timing ...............................................................................E6
S14
2nd field vertical pulse timing ..............................................................................E6
S19
Status : parity check............................................................................E3,E4,E5,E9
SBH Position offset of Blue Horinzontal ......................................................................E1
SBV Position offset of Blue Vertical ............................................................................E2
SGH Position offset of Green Horinzontal ...................................................................E1
SGV Position offset of Green Vertical..........................................................................E2
SRH Position offset of Red Horinzontal.......................................................................E1
SRV Position offset of Red Vertical .............................................................................E2
SSE Soft Switch Enable ..............................................................................................FE
STA Force the video pattern fast blanking ..................................................................D7
STL
............................................................................................................................E3
STX Status of Transmission with EEPROM................................................................E9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83