データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STV2050A データシート(PDF) 46 Page - STMicroelectronics

部品番号 STV2050A
部品情報  AUTOMATIC MULTISCAN DIGITAL CONVERGENCE PROCESSOR
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2050A データシート(HTML) 46 Page - STMicroelectronics

Back Button STV2050A Datasheet HTML 42Page - STMicroelectronics STV2050A Datasheet HTML 43Page - STMicroelectronics STV2050A Datasheet HTML 44Page - STMicroelectronics STV2050A Datasheet HTML 45Page - STMicroelectronics STV2050A Datasheet HTML 46Page - STMicroelectronics STV2050A Datasheet HTML 47Page - STMicroelectronics STV2050A Datasheet HTML 48Page - STMicroelectronics STV2050A Datasheet HTML 49Page - STMicroelectronics STV2050A Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 83 page
background image
46/83
STV2050A - CONVERGENCE
9.1.1 Position Offset (also called “static”)
This value is added to each dynamic value of the corresponding channel. It is used to reach an
optimal dynamic value range, and to make a first rough correction.
E1 Register: Horizontal
E2 Register: Vertical
The Position offset values are in two’s complement.
9.1.2 Gain Correction
This gain value is applied to the sum of the dynamic value and the position offset (see Figure
26 "Convergence Values Computation Path" on page 45). It is mainly used for compensating
the amplification spread of the external components. (Also refer to Figure 31 "Electrical Loop
Block Diagram" on page 55).
The gain value is divided into 2 ranges, coarse and fine correction.
E0 Register: Coarse
D0 Register: Fine horizontal
D1 Register: Fine vertical
SRH[7:0]
Red Channel
SGH[7:0]
Green Channel
SBH[7:0]
Blue Channel
SRV[7:0]
Red Channel
SGV[7:0]
Green Channel
SBV[7:0]
Blue Channel
RCH[3:0]
Red horizontal
RCV[3:0]
Red vertical
GCH[3:0]
Green horizontal
GCV[3:0]
Green vertical
BCH[3:0]
Blue horizontal
BCV[3:0]
Blue vertical
RFH[7:0]
Red Channel
GFH[7:0]
Green Channel
BFH[7:0]
Blue Channel
RFV[7:0]
Red Channel
GFV[7:0]
Green Channel
BFV[7:0]
Blue Channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83