| データシートサーチシステム |
|
STV2050A データシート(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV2050A データシート(HTML) 21 Page - STMicroelectronics |
|
21 / 83 page ![]() 21/83 STV2050A - RAM ALLOCATION 4.2.2 Registers Not Storable in the EEPROM Note: X = Don’t care, 0 or 1: The corresponding bit MUST be set to this value for normal operation. MSB LSB BYTE D0 BYTE D1 BYTE D2 ADD 7 6 5 4 3 2 1 0 7 6 5 4 3 2 1 0 7 6 5 4 3 2 1 0 E3 ST L X X GC D DH V PP L CD O CD N STV2050A code = 30(hex) S0 1 S1 9 RESERVED S0 2 S0 3 E4 X PD C PD B PD A X PO C PO B PO A X PL T GO S HV M GAV [1:0] GAH [1:0] S0 1 S1 9 MS Y EL O X PIC PIB PIA E5 OP I OD S OO S OD T X X X X S09 [3:0] S10 [3:0] S0 1 S1 9 S0 5 S1 1 S12 [3:0] E6 X X X X X X X X S13[7:0] S14[7:0] E7 AIE X X X X X CBS [1:0] X X X X X X X X X X X X X X X TE 1 E8 MVR[7:0] MVG[7:0] MVB[7:0] E9 EEPRO- Madd [2:0] X X X ADS[1:0 ] RWM [2:0] X HAM[3:0] S0 1 S1 9 X X STX[3:0] EA X X X X VD C COV[2:0] GC P VH V X PAS[4:0] X X X X X X X X EB X X HO1 [5:0] HG1[3:0] X X HO2[5:0] HG2[3:0] EC X X VO1[5:0] VG1[3:0] X X VO2[5:0] VG2[3:0] ED X X HO3[5:0] HG3[3:0] X X HO4[5:0] HG4[3:0] EE X X VO3[5:0] VG3[3:0] X X VO4[5:0] VG4[3:0] EF XXXXX RU E RU 1 RU 2 XXXX TE 2 TE 3 TE 4 RR P X XXXXX 0 0 FE X SS E DT E 000 000000 0000 TBU[7:0] |