データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STLED524 データシート(PDF) 42 Page - STMicroelectronics

部品番号 STLED524
部品情報  Intelligent matrix LED display driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED524 データシート(HTML) 42 Page - STMicroelectronics

Back Button STLED524 Datasheet HTML 38Page - STMicroelectronics STLED524 Datasheet HTML 39Page - STMicroelectronics STLED524 Datasheet HTML 40Page - STMicroelectronics STLED524 Datasheet HTML 41Page - STMicroelectronics STLED524 Datasheet HTML 42Page - STMicroelectronics STLED524 Datasheet HTML 43Page - STMicroelectronics STLED524 Datasheet HTML 44Page - STMicroelectronics STLED524 Datasheet HTML 45Page - STMicroelectronics STLED524 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 72 page
background image
Detailed description
STLED524
42/72
DocID026217 Rev 1
Figure 19. SPI protocol (writing)
All output data bytes are shifted out of the device, the most significant bit first. The serial
data output (MISO) is latched on the first falling edge of the serial clock (SCK) after the
command (such as the read from control registers) has been clocked into the device.
Figure 20 shows the reading of a single byte from the device.
Figure 20. SPI protocol (reading)
GIPG2103141035LM
GIPG2103141042LM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72