データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STLED524 データシート(PDF) 45 Page - STMicroelectronics

部品番号 STLED524
部品情報  Intelligent matrix LED display driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED524 データシート(HTML) 45 Page - STMicroelectronics

Back Button STLED524 Datasheet HTML 41Page - STMicroelectronics STLED524 Datasheet HTML 42Page - STMicroelectronics STLED524 Datasheet HTML 43Page - STMicroelectronics STLED524 Datasheet HTML 44Page - STMicroelectronics STLED524 Datasheet HTML 45Page - STMicroelectronics STLED524 Datasheet HTML 46Page - STMicroelectronics STLED524 Datasheet HTML 47Page - STMicroelectronics STLED524 Datasheet HTML 48Page - STMicroelectronics STLED524 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 72 page
background image
DocID026217 Rev 1
45/72
STLED524
Detailed description
Figure 22. Serial output timing
Data are captured on SCK rising edge and are propagated to SCK falling edge.
SCK is low when it is in idle mode. SPI master selects one slave at a time through 5 pF Cmax
SS signal.
GIPG2103141054LM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72