| データシートサーチシステム |
|
TNETV1647GSTZWT データシート(PDF) 232 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TNETV1647GSTZWT データシート(HTML) 232 Page - Texas Instruments |
|
232 / 236 page ![]() TMS320DM6441 SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010 www.ti.com 7 Mechanical Packaging and Orderable Information The following table(s) show the thermal resistance characteristics for the PBGA–ZWT mechanical package. 7.1 Thermal Data for ZWT Table 7-1. Thermal Resistance Characteristics (PBGA Package) [ZWT] NO. °C/W(1) AIR FLOW (m/s)(2) 1 R ΘJC Junction-to-case 6.54 N/A 2 R ΘJB Junction-to-board 15.62 N/A 3 29.75 0.00 4 26.78 1.0 R ΘJA Junction-to-free air 5 26.20 2.00 6 25.80 3.00 7 0.11 0.00 8 0.15 1.0 PsiJT Junction-to-package top 9 0.16 2.00 10 0.16 3.00 11 14.79 0.00 12 14.66 1.0 PsiJB Junction-to-board 13 14.66 2.00 14 14.66 3.00 (1) These measurements were conducted in a JEDEC defined 1S2P system and will change based on environment as well as application. For more information, see these EIA/JEDEC standards – EIA/JESD51-2, Integrated Circuits Thermal Test Method Environment Conditions - Natural Convection (Still Air) and JESD51-7, High Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages. (2) m/s = meters per second 7.2 Packaging Information The following packaging information and addendum reflect the most current data available for the designated device(s). This data is subject to change without notice and without revision of this document. 232 Mechanical Packaging and Orderable Information Copyright © 2006–2010, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): TMS320DM6441 |