| データシートサーチシステム |
|
TNETV1647GSTZWT データシート(PDF) 78 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TNETV1647GSTZWT データシート(HTML) 78 Page - Texas Instruments |
|
78 / 236 page ![]() TMS320DM6441 SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010 www.ti.com 3.5.6 Pin Multiplexing Register Field Details The bit fields for various pin multiplexing options within the PINMUX0 and PINMUX1 registers are described in the following sections. 3.5.6.1 EMAC and GPIO3V Pin Multiplexing The EMAC pin functions are selected as shown in Table 3-16. The functionality for each of the individual pins affected by the PINMUX0 field settings is given in Table 3-17. Table 3-16. EMAC and GPIO3V Pin Multiplexing Control EMACEN PIN FUNCTIONALITY SELECTED 0 GPIO3V 1 EMAC Table 3-17. EMAC and GPIO3V Multiplexed Pins GPIO EMAC GPIO3V[0] TXEN GPIO3V[1] TXCLK GPIO3V[2] COL GPIO3V[3] TXD[0] GPIO3V[4] TXD[1] GPIO3V[5] TXD[2] GPIO3V[6] TXD[3] GPIO3V[7] RXD[0] GPIO3V[8] RXD[1] GPIO3V[9] RXD[2] GPIO3V[10] RXD[3] GPIO3V[11] RXCLK GPIO3V[12] RXDV GPIO3V[13] RXER GPIO3V[14] CRS GPIO3V[15] MDIO GPIO3V[16] MDCLK 78 Device Configurations Copyright © 2006–2010, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): TMS320DM6441 |