| データシートサーチシステム |
|
TNETV1647GSTZWT データシート(PDF) 24 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TNETV1647GSTZWT データシート(HTML) 24 Page - Texas Instruments |
|
24 / 236 page ![]() W V U T R P N M L K 10 9 8 7 6 5 4 3 2 1 10 9 8 7 6 5 4 3 2 1 DDR_D[1] DVDDR2 EM_A[4]/ GPIO27 CLK_OUT0/ GPIO48 MXI/CLKIN EM_A[5]/ GPIO26 MXVSS PLLVDD18 RSV24 EM_A[6]/ GPIO25 EM_A[8]/ GPIO23 EM_A[7]/ GPIO24 EM_A[13]/ GPIO18 EM_A[10]/ GPIO21 EM_A[15]/ GPIO16/ VLYNQ_TXD3 EM_A[11]/ GPIO20 EM_A[17]/ GPIO14/ VLYNQ_TXD2 EM_A[19]/ GPIO12/ VLYNQ_TXD1 EM_A[20]/ GPIO11/ VLYNQ_RXD0 EM_CS4/ GPIO9/ VLYNQ_ SCRUN DDR_ DQM[0] DDR_D[0] EM_A[21]/ GPIO10/ VLYNQ_TXD0 EM_A[14]/ GPIO17/ VLYNQ_RXD3 EM_A[9]/ GPIO22 MXVDD RESET VSS RSV3 VSS CVDD DVDDR2 DVDDR2 VSS VSS DDR_A[11] DDR_A[12] DDR_CLK0 DDR_CLK0 DDR_D[14] DVDDR2 VSS VSS DDR_D[5] DDR_D[6] DDR_D[9] DVDD18 EM_A[16]/ GPIO15/ VLYNQ_RXD2 DVDDR2 DDR_BS[2] CVDD DDR_D[11] DDR_D[15] DDR_CKE DDR_A[8] VSS DVDDR2 VSS VSS DVDDR2 DDR_ DQM[1] DDR_CAS DDR_WE DDR_VDDDLL CVDDDSP CVDD DDR_DQS[1] DDR_RAS DDR_A[10] CVDD CVDD DDR_D[2] DDR_D[3] DDR_D[8] DDR_D[13] DDR_BS[1] DDR_D[4] DDR_D[12] VSS EM_A[3]/ GPIO28 DVDD18 CVDD DVDD18 RSV7 MXO VSS DVDD18 VSS EM_A[18]/ GPIO13/ VLYNQ_RXD1 VSS EM_A[12]/ GPIO19 VSS DDR_CS CVDDDSP DDR_DQS[0] DDR_D[10] DDR_BS[0] EM_CS5/ GPIO8/ VLYNQ_ CLOCK RSV6 DDR_D[7] W V U T R P N M L K TMS320DM6441 SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010 www.ti.com 2.6 Pin Assignments Extensive use of pin multiplexing is used to accommodate the largest number of peripheral functions in the smallest possible package. Pin multiplexing is controlled using a combination of hardware configuration at device reset and software programmable register settings. For more information on pin muxing, see Section 3.5.2, Multiplexed Pin Configurations, of this document. 2.6.1 Pin Map (Bottom View) Figure 2-2 through Figure 2-5 show the bottom view of the package pin assignments in four quadrants (A, B, C, and D). Figure 2-2. Pin Map [Quadrant A] 24 Device Overview Copyright © 2006–2010, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): TMS320DM6441 |